spec no: cda0287 rev no: v.1 date: oct/23/2001 page: 1 of4 approved: j.lu checked: drawn: m.f.cai description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. 3.2x1.6mm smd chip led lamp APTR3216SRCPRV super bright red notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.0079") unless otherwise noted. 3. lead spacing is measured where the lead emerge package. 4. specifications are subject to change without notice. features ! 3.2mmx1.6mm smt led,1.05mm thickness. ! low power consumption. ! wide viewing angle. ! ideal for backlight and indicator. ! various colors and lens types available. ! package : 2000pcs / reel. package dimensions
spec no: cda0287 rev no: v.1 date: oct/23/2001 page: 2 of4 approved: j.lu checked: drawn: m.f.cai electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. selection guide note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e pd e r t h g i r b r e p u s0 6 6m na m 0 2 = f i d h t g n e l e v a w e t a n i m o dd e r t h g i r b r e p u s0 4 6m na m 0 2 = f i ? 2 / 1 h t d i w f l a h e n i l l a r t c e p sd e r t h g i r b r e p u s0 2m na m 0 2 = f i ce c n a t i c a p a cd e r t h g i r b r e p u s5 4f pz h m 1 = f ; v 0 = f v v f e g a t l o v d r a w r o fd e r t h g i r b r e p u s5 8 . 15 . 2v a m 0 2 = f i i r t n e r r u c e s r e v e rd e r t h g i r b r e p u s0 1a uv 5 = r v r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a p d e r t h g i r b r e p u sd e r t h g i r b r e p u s d e r t h g i r b r e p u s d e r t h g i r b r e p u sd e r t h g i r b r e p u ss t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p 0 0 1w m t n e r r u c d r a w r o f c d 0 3a m ] 1 [ t n e r r u c d r a w r o f k a e p 5 5 1a m e g a t l o v e s r e v e r 5v e r u t a r e p m e t g n i t a r e p o 0 4 - 5 8 + o t c c e r u t a r e p m e t e g a r o t s 0 4 - 5 8 + o t c c . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i a m 0 2 @ g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 v r p c r s 6 1 2 3 r t p a) s a l a a g ( d e r t h g i r b r e p u sr a e l c r e t a w0 20 7 0 2 1
spec no: cda0287 rev no: v.1 date: oct/23/2001 page: 3 of4 approved: j.lu checked: drawn: m.f.cai super bright red APTR3216SRCPRV
spec no: cda0287 rev no: v.1 date: oct/23/2001 page: 4 of4 approved: j.lu checked: drawn: m.f.cai recommended soldering pattern (units : mm) tape specifications (units : mm) APTR3216SRCPRV smt reflow soldering instructions number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
|